Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 137 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 137 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 133Page - SMSC Corporation FDC37M607 Datasheet HTML 134Page - SMSC Corporation FDC37M607 Datasheet HTML 135Page - SMSC Corporation FDC37M607 Datasheet HTML 136Page - SMSC Corporation FDC37M607 Datasheet HTML 137Page - SMSC Corporation FDC37M607 Datasheet HTML 138Page - SMSC Corporation FDC37M607 Datasheet HTML 139Page - SMSC Corporation FDC37M607 Datasheet HTML 140Page - SMSC Corporation FDC37M607 Datasheet HTML 141Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 182 page
background image
137
SMSC Defined Logical Device Configuration
Registers
The
SMSC
Specific
Logical
Device
Configuration
Registers reset to their default values only on
hard resets generated by Vcc or VTR POR (as
shown) or the RESET_DRV signal.
These
registers are not affected by soft resets.
Table 59 - Floppy Disk Controller, Logical Device 0 [Logical Device Number = 0x00]
NAME
REG INDEX
DEFINITION
STATE
FDD Mode Register
Default = 0x0E
on Vcc POR or
Reset_Drv
0xF0 R/W
Bit[0] Floppy Mode
= 0 Normal Floppy Mode (default)
= 1
Enhanced Floppy Mode 2 (OS2)
Bit[1] FDC DMA Mode
= 0
Burst Mode is enabled
= 1
Non-Burst Mode (default)
Bit[3:2] Interface Mode
= 11
AT Mode (default)
= 10
(Reserved)
= 01
PS/2
= 00
Model 30
Bit[4] Swap Drives 0,1 Mode
= 0
No swap (default)
= 1
Drive and Motor sel 0 and 1 are
swapped.
Bit[5] Reserved, set to zero
Bit[6] FDC Output Type Control
= 0 FDC outputs are OD24 open drain (default)
= 1 FDC outputs are O24 push-pull
Bit[7] FDC Output Control
= 0 FDC outputs active (default)
= 1 FDC outputs tri-stated
Note: Bits 6 & 7 do not affect the parallel port FDC
pins.
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com