Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 164 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 164 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 160Page - SMSC Corporation FDC37M607 Datasheet HTML 161Page - SMSC Corporation FDC37M607 Datasheet HTML 162Page - SMSC Corporation FDC37M607 Datasheet HTML 163Page - SMSC Corporation FDC37M607 Datasheet HTML 164Page - SMSC Corporation FDC37M607 Datasheet HTML 165Page - SMSC Corporation FDC37M607 Datasheet HTML 166Page - SMSC Corporation FDC37M607 Datasheet HTML 167Page - SMSC Corporation FDC37M607 Datasheet HTML 168Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 182 page
background image
164
FIGURE 12B - EPP 1.9 DATA OR ADDRESS WRITE CYCLE TIMING
NAME
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
nIOW Asserted to PDATA Valid
0
50
ns
t2
nWAIT Asserted to nWRITE Change (Note 1)
60
185
ns
t3
nWRITE to Command Asserted
5
35
ns
t4
nWAIT Deasserted to Command Deasserted
(Note 1)
60
190
ns
t5
nWAIT Asserted to PDATA Invalid (Note 1)
0
ns
t6
Time Out
10
12
µs
t7
Command Deasserted to nWAIT Asserted
0
ns
t8
SDATA Valid to nIOW Asserted
10
ns
t9
nIOW Deasserted to DATA Invalid
0
ns
t10
nIOW Asserted to IOCHRDY Asserted
0
24
ns
t11
nWAIT Deasserted to IOCHRDY Deasserted
(Note 1)
60
160
ns
t12
IOCHRDY Deasserted to nIOW Deasserted
10
ns
t13
nIOW Asserted to nWRITE Asserted
0
70
ns
t14
nWAIT Asserted to Command Asserted (Note 1)
60
210
ns
t15
Command Asserted to nWAIT Deasserted
0
10
µs
t16
PDATA Valid to Command Asserted
10
ns
t17
Ax Valid to nIOW Asserted
40
ns
t18
nIOW Asserted to Ax Invalid
10
ns
t19
nIOW Deasserted to nIOW or nIOR Asserted
40
ns
t20
nWAIT Asserted to nWRITE Asserted (Note 1)
60
185
ns
t21
nWAIT Asserted to PDIR Low
0
ns
t22
PDIR Low to nWRITE Asserted
0
ns
Note 1: nWAIT must be filtered to compensate for ringing on the parallel bus cable.
WAIT is
considered to have settled after it does not transition for a minimum of 50 nsec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com