Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 166 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 166 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 162Page - SMSC Corporation FDC37M607 Datasheet HTML 163Page - SMSC Corporation FDC37M607 Datasheet HTML 164Page - SMSC Corporation FDC37M607 Datasheet HTML 165Page - SMSC Corporation FDC37M607 Datasheet HTML 166Page - SMSC Corporation FDC37M607 Datasheet HTML 167Page - SMSC Corporation FDC37M607 Datasheet HTML 168Page - SMSC Corporation FDC37M607 Datasheet HTML 169Page - SMSC Corporation FDC37M607 Datasheet HTML 170Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 182 page
background image
166
FIGURE 13B - EPP 1.9 DATA OR ADDRESS READ CYCLE TIMING PARAMETERS
NAME
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
PDATA Hi-Z to Command Asserted
0
30
ns
t2
nIOR Asserted to PDATA Hi-Z
0
50
ns
t3
nWAIT Deasserted to Command Deasserted
(Note 1)
60
180
ns
t4
Command Deasserted to PDATA Hi-Z
0
ns
t5
Command Asserted to PDATA Valid
0
ns
t6
PDATA Hi-Z to nWAIT Deasserted
0
µs
t7
PDATA Valid to nWAIT Deasserted
0
ns
t8
nIOR Asserted to IOCHRDY Asserted
0
24
ns
t9
nWRITE Deasserted to nIOR Asserted (Note 2)
0
ns
t10
nWAIT Deasserted to IOCHRDY Deasserted
(Note 1)
60
160
ns
t11
IOCHRDY Deasserted to nIOR Deasserted
0
ns
t12
nIOR Deasserted to SDATA Hi-Z (Hold Time)
0
40
ns
t13
PDATA Valid to SDATA Valid
0
75
ns
t14
nWAIT Asserted to Command Asserted
0
195
ns
t15
Time Out
10
12
µs
t16
nWAIT Deasserted to PDATA Driven (Note 1)
60
190
ns
t17
nWAIT Deasserted to nWRITE Modified (Notes 1,2)
60
190
ns
t18
SDATA Valid to IOCHRDY Deasserted (Note 3)
0
85
ns
t19
Ax Valid to nIOR Asserted
40
ns
t20
nIOR Deasserted to Ax Invalid
10
10
ns
t21
nWAIT Asserted to nWRITE Deasserted
0
185
ns
t22
nIOR Deasserted to nIOW or nIOR Asserted
40
ns
t23
nWAIT Asserted to PDIR Set (Note 1)
60
185
ns
t24
PDATA Hi-Z to PDIR Set
0
ns
t25
nWAIT Asserted to PDATA Hi-Z (Note 1)
60
180
ns
t26
PDIR Set to Command
0
20
ns
t27
nWAIT Deasserted to PDIR Low (Note 1)
60
180
ns
t28
nWRITE Deasserted to Command
1
ns
Note 1:
nWAIT is considered to have settled after it does not transition for a minimum of 50 ns.
Note 2:
When not executing a write cycle, EPP nWRITE is inactive high.
Note 3:
85 is true only if t7 = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com