Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 170 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 170 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 166Page - SMSC Corporation FDC37M607 Datasheet HTML 167Page - SMSC Corporation FDC37M607 Datasheet HTML 168Page - SMSC Corporation FDC37M607 Datasheet HTML 169Page - SMSC Corporation FDC37M607 Datasheet HTML 170Page - SMSC Corporation FDC37M607 Datasheet HTML 171Page - SMSC Corporation FDC37M607 Datasheet HTML 172Page - SMSC Corporation FDC37M607 Datasheet HTML 173Page - SMSC Corporation FDC37M607 Datasheet HTML 174Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 182 page
background image
170
FIGURE 15B - EPP 1.7 DATA OR ADDRESS READ CYCLE PARAMETERS
NAME
DESCRIPTION
MIN
TYP
MAX
UNITS
t2
nIOR Deasserted to Command Deasserted
50
ns
t3
nWAIT Asserted to IOCHRDY Deasserted
0
40
ns
t4
Command Deasserted to PDATA Hi-Z
0
ns
t5
Command Asserted to PDATA Valid
0
ns
t8
nIOR Asserted to IOCHRDY Asserted
24
ns
t10
nWAIT Deasserted to IOCHRDY Deasserted
50
ns
t11
IOCHRDY Deasserted to nIOR Deasserted
0
ns
t12
nIOR Deasserted to SDATA High-Z (Hold Time)
0
40
ns
t13
PDATA Valid to SDATA Valid
40
ns
t15
Time Out
10
12
µs
t19
Ax Valid to nIOR Asserted
40
ns
t20
nIOR Deasserted to Ax Invalid
10
ns
t21
Command Deasserted to nWAIT Deasserted
0
ns
t22
nIOR Deasserted to nIOW or nIOR Asserted
40
ns
t23
nIOR Asserted to Command Asserted
55
ns
Note:
WRITE is controlled by setting the PDIR bit to "1" in the control register before performing an
EPP Read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com