Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 171 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 171 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 167Page - SMSC Corporation FDC37M607 Datasheet HTML 168Page - SMSC Corporation FDC37M607 Datasheet HTML 169Page - SMSC Corporation FDC37M607 Datasheet HTML 170Page - SMSC Corporation FDC37M607 Datasheet HTML 171Page - SMSC Corporation FDC37M607 Datasheet HTML 172Page - SMSC Corporation FDC37M607 Datasheet HTML 173Page - SMSC Corporation FDC37M607 Datasheet HTML 174Page - SMSC Corporation FDC37M607 Datasheet HTML 175Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 182 page
background image
171
ECP PARALLEL PORT TIMING
Parallel Port FIFO (Mode 101)
The standard parallel port is run at or near the
peak 500KBytes/sec allowed in the forward
direction using DMA. The state machine does
not examine nACK and begins the next transfer
based on Busy. Refer to Figure 17.
ECP Parallel Port Timing
The timing is designed to allow operation at
approximately 2.0 Mbytes/sec over a 15ft cable.
If a shorter cable is used then the bandwidth will
increase.
Forward-Idle
When the host has no data to send it keeps
HostClk (nStrobe) high and the peripheral will
leave PeriphClk (Busy) low.
Forward Data Transfer Phase
The interface transfers data and commands
from the host to the peripheral using an inter-
locked PeriphAck and HostClk. The peripheral
may indicate its desire to send data to the host
by asserting nPeriphRequest.
The Forward Data Transfer Phase may be
entered from the Forward-Idle Phase. While in
the
Forward
Phase
the
peripheral
may
asynchronously
assert
the
nPeriphRequest
(nFault) to request that the channel be reversed.
When
the
peripheral
is
not
busy
it
sets
PeriphAck (Busy) low. The host then sets
HostClk (nStrobe) low when it is prepared to
send data. The data must be stable for the
specified setup time prior to the falling edge of
HostClk. The peripheral then sets PeriphAck
(Busy) high to acknowledge the handshake. The
host then sets HostClk (nStrobe) high. The
peripheral then
accepts the data and
sets
PeriphAck (Busy) low, completing the transfer.
This sequence is shown in Figure 17.
The timing is designed to provide 3 cable
round-trip times for data setup if Data is driven
simultaneously with HostClk (nStrobe).
Reverse-Idle Phase
The peripheral has no data to send and keeps
PeriphClk high. The host is idle and keeps
HostAck low.
Reverse Data Transfer Phase
The interface transfers data and commands
from the peripheral to the host using an inter-
locked HostAck and PeriphClk.
The Reverse Data Transfer Phase may be en-
tered from the Reverse-Idle Phase.
After the
previous byte has beed accepted the host sets
HostAck (nALF) low. The peripheral then sets
PeriphClk (nACK) low when it has data to send.
The data must be stable for the specified setup
time prior to the falling edge of PeriphClk. When
the host is ready to accept a byte it sets
HostAck
(nALF)
high
to
acknowledge
the
handshake. The peripheral then sets PeriphClk
(nACK) high. After the host has accepted the
data it sets HostAck (nALF) low, completing the
transfer. This sequence is shown in Figure 18.
Output Drivers
To facilitate higher performance data transfer,
the use of balanced CMOS active drivers for
critical
signals
(Data,
HostAck,
HostClk,
PeriphAck, PeriphClk) are used ECP Mode.
Because the use of active drivers can present
compatibility
problems in Compatible
Mode
(the control signals, by tradition, are specified
as open-collector), the drivers are dynamically
changed from open-collector to totem-pole. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com