Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 168 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 168 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 164Page - SMSC Corporation FDC37M607 Datasheet HTML 165Page - SMSC Corporation FDC37M607 Datasheet HTML 166Page - SMSC Corporation FDC37M607 Datasheet HTML 167Page - SMSC Corporation FDC37M607 Datasheet HTML 168Page - SMSC Corporation FDC37M607 Datasheet HTML 169Page - SMSC Corporation FDC37M607 Datasheet HTML 170Page - SMSC Corporation FDC37M607 Datasheet HTML 171Page - SMSC Corporation FDC37M607 Datasheet HTML 172Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 182 page
background image
168
FIGURE 14B - EPP 1.7 DATA OR ADDRESS WRITE CYCLE PARAMETERS
NAME
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
nIOW Asserted to PDATA Valid
0
50
ns
t2
Command Deasserted to nWRITE Change
0
40
ns
t3
nWRITE to Command
5
35
ns
t4
nIOW Deasserted to Command Deasserted (Note 2)
50
ns
t5
Command Deasserted to PDATA Invalid
50
ns
t6
Time Out
10
12
µs
t8
SDATA Valid to nIOW Asserted
10
ns
t9
nIOW Deasserted to DATA Invalid
0
ns
t10
nIOW Asserted to IOCHRDY Asserted
0
24
ns
t11
nWAIT Deasserted to IOCHRDY Deasserted
40
ns
t12
IOCHRDY Deasserted to nIOW Deasserted
10
ns
t13
nIOW Asserted to nWRITE Asserted
0
50
ns
t16
PDATA Valid to Command Asserted
10
35
ns
t17
Ax Valid to nIOW Asserted
40
ns
t18
nIOW Deasserted to Ax Invalid
10
µs
t19
nIOW Deasserted to nIOW or nIOR Asserted
100
ns
t20
nWAIT Asserted to IOCHRDY Deasserted
45
ns
t21
Command Deasserted to nWAIT Deasserted
0
ns
Note 1: nWRITE is controlled by clearing the PDIR bit to "0" in the control register before performing
an EPP Write.
Note 2: The number is only valid if nWAIT is active when IOW goes active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com