Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 172 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 172 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 168Page - SMSC Corporation FDC37M607 Datasheet HTML 169Page - SMSC Corporation FDC37M607 Datasheet HTML 170Page - SMSC Corporation FDC37M607 Datasheet HTML 171Page - SMSC Corporation FDC37M607 Datasheet HTML 172Page - SMSC Corporation FDC37M607 Datasheet HTML 173Page - SMSC Corporation FDC37M607 Datasheet HTML 174Page - SMSC Corporation FDC37M607 Datasheet HTML 175Page - SMSC Corporation FDC37M607 Datasheet HTML 176Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 182 page
background image
172
timing for the
dynamic
driver
change
is
specified in
then
IEEE
1284 Extended
Capabilities
Port
Protocol
and
ISA
Interface Standard, Rev. 1.14, July 14, 1993,
available from Microsoft. The dynamic driver
change
must
be
implemented
properly
to
prevent glitching the outputs.
FIGURE 16 - PARALLEL PORT FIFO TIMING
NAME
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
DATA Valid to nSTROBE Active
600
ns
t2
nSTROBE Active Pulse Width
600
ns
t3
DATA Hold from nSTROBE Inactive (Note 1)
450
ns
t4
nSTROBE Active to BUSY Active
500
ns
t5
BUSY Inactive to nSTROBE Active
680
ns
t6
BUSY Inactive to PDATA Invalid (Note 1)
80
ns
Note 1: The data is held until BUSY goes inactive or for time t3, whichever is longer.
This only
applies if another data transfer is pending. If no other data transfer is pending, the data is
held indefinitely.
t3
t6
t1
t2
t5
t4
PDATA
nSTROBE
BUSY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com