Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 110 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 110 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 106Page - LSI Computer Systems 8101 Datasheet HTML 107Page - LSI Computer Systems 8101 Datasheet HTML 108Page - LSI Computer Systems 8101 Datasheet HTML 109Page - LSI Computer Systems 8101 Datasheet HTML 110Page - LSI Computer Systems 8101 Datasheet HTML 111Page - LSI Computer Systems 8101 Datasheet HTML 112Page - LSI Computer Systems 8101 Datasheet HTML 113Page - LSI Computer Systems 8101 Datasheet HTML 114Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 172 page
background image
4-22
Registers
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
FCNTRL_DIS FCNTRL Pin
1, R/W
SD_EN
Signal Detect Pin Enable
0, R/W
4.3.11 Register 10–Configuration 4
Note:
ENDIAN 15-bit occurs on the REGD15 pin
ENDIAN
Endian Select
15, R/W
BUSSIZE
Bus Size Word Width
14, R/W
RES
Reserved
13, [9:8], [5:0], R/W
Must be left at default value or written to 0 for proper
device operation.
LPBK
Loopback Enable
12, R/W
FCNTRL_DIS Description
1
FCNTRL pin disabled (does not cause
autogenerated pause frame transmission).
0
Enabled
SD_EN
Description
1
Enabled
0
SD pin disabled, i.e., internal SD always asserted,
does not affect receive word synchronization
15
14
13
12
11
10
9
8
7
6
5
0
ENDIAN BUSSIZE
RES
LPBK
LNKDN
TBC_DIS
RES
CMXPKT1 CMXPKT0
RES
ENDIAN
Description
1
RXD/TXD data in big endian format
0
RXD/TXD data in little endian format
BUSSIZE
Description
1
Receive system bus word width is 16 bits
0
Receive system bus word width is 32 bits
LPBK
Description
1
Loopback mode enabled
0
Normal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com