Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 112 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 112 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 108Page - LSI Computer Systems 8101 Datasheet HTML 109Page - LSI Computer Systems 8101 Datasheet HTML 110Page - LSI Computer Systems 8101 Datasheet HTML 111Page - LSI Computer Systems 8101 Datasheet HTML 112Page - LSI Computer Systems 8101 Datasheet HTML 113Page - LSI Computer Systems 8101 Datasheet HTML 114Page - LSI Computer Systems 8101 Datasheet HTML 115Page - LSI Computer Systems 8101 Datasheet HTML 116Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 172 page
background image
4-24
Registers
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
SD
Signal Detect Pin Status
12, R
LINK
Link Detect Status
11, R/LTI
AN_NP
AutoNegotiation Next Page Status
7, R/LHI
AN_TX_NP
AutoNegotiation TX Next Page Status
6, R
AN_RX_NP
AutoNegotiation RX Next Page Status
5, R
AN_RX_BP
AutoNegotiation RX Base Page Status
4, R
AN_RMTRST AutoNegotiation Remote Restart Status
3, R/LHI
SD
Description
1
SD input pin HIGH
0
SD input pin LOW
LINK
Description
1
Link pass (receiver in sync, AutoNegotiation done)
0
Link fail
AN_NP
Description
1
One next page exchange done (both RX and TX)
0
Not done
AN_TX_NP
Description
1
Transmission of next page done
0
Not done
AN_RX_NP
Description
1
Reception of next page done, next page valid
0
Not done
AN_RX_BP
Description
1
Reception of base page done, base page valid
0
Not done
AN_RMTRST
Description
1
AutoNegotiation restarted because remote
end sent restart codes or invalid characters
0
Normal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com