Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 116 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 116 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 112Page - LSI Computer Systems 8101 Datasheet HTML 113Page - LSI Computer Systems 8101 Datasheet HTML 114Page - LSI Computer Systems 8101 Datasheet HTML 115Page - LSI Computer Systems 8101 Datasheet HTML 116Page - LSI Computer Systems 8101 Datasheet HTML 117Page - LSI Computer Systems 8101 Datasheet HTML 118Page - LSI Computer Systems 8101 Datasheet HTML 119Page - LSI Computer Systems 8101 Datasheet HTML 120Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 172 page
background image
4-28
Registers
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
RWM2[7:0]
Receive FIFO Increment = 16 Words (64 Bytes)
Watermark 2 Threshold
[7:0], R/W
4.3.16 Register 19–Flow Control 1
Note:
MCNTRL 15-bit occurs on REGD15 pin
MCNTRL
MAC Control Frame Enable
15, R/W
MCPASS[1:0]
MAC Control Frame Pass Through
Enable
[14:13], R/W
RWM2[7:0]
Description
Range
0
−4096 words (0−16386 bytes)
11111111
Reserved, do not use
11111110
4080 words in FIFO (16320 bytes)
11111110
4064 words in FIFO (16256 bytes)
00000001
32 words in FIFO (128 bytes)
00000000
16 words in FIFO (64 bytes)
15
14
13
12
11
10
7
6
0
MCNTRL
MCPASS[1:0]
MCFLTR
MCENDPS
MCASND[3:0]
RES = 0
MCNTRL
Description
1
Valid receive MAC control frames cause the
transmitter to pause (flow control enabled)
0
Transmitter not paused (flow control disable)
MCPASS[1:0] Description
11
Valid MAC control frame that have pause
opcode are passed through to receive FIFO
10
Valid MAC control frames that have any opcode
are passed through to receive FIFO
01
Valid MAC control frames that have nonpause
opcode are passed through to receive FIFO
00
MAC control frames are not passed through to
receive FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com