Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 118 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 118 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 114Page - LSI Computer Systems 8101 Datasheet HTML 115Page - LSI Computer Systems 8101 Datasheet HTML 116Page - LSI Computer Systems 8101 Datasheet HTML 117Page - LSI Computer Systems 8101 Datasheet HTML 118Page - LSI Computer Systems 8101 Datasheet HTML 119Page - LSI Computer Systems 8101 Datasheet HTML 120Page - LSI Computer Systems 8101 Datasheet HTML 121Page - LSI Computer Systems 8101 Datasheet HTML 122Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 172 page
background image
4-30
Registers
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
P[15:0]
Pause Time
[15:0], R/W
The contents of this register are inserted into the
pause_time parameter field of all autogenerated transmit
MAC control pause frames. Upon successful reception of
these autogenerated pause frames, a remote device
does not transmit data for a time interval equal to the
decimal value of this register times 512 ns.
P0 is the LSB.
Any pause time value less than or equal to 0x32 is sent
as 0x32.
4.3.18 Register 21–AutoNegotiation Base Page Transmit
Note:
NP 15-bit occurs on REGD15 pin
NP
Next Page Enable
15, R/W
ACK
Acknowledge
14, R/W
Note:
Writing this bit has no effect on device operation. The
transmitted bit is controlled by internal state machine.
RF[2:1]
Remote Fault
[13:12], R/W
15
14
13
12
11
9
8
7
6
5
4
0
NP
ACK
RF[2:1]
RES
PS_DIR
PS
HDX
FDX
RES
NP
Description
1
Next page exists
0
No next page
ACK
Description
1
Received AutoNegotiation word recognized
0
Not recognized
RF[2:1]
Description
11
AutoNegotiation error
10
Offline
01
Link failure
00
No error, link OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com