Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 122 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 122 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 118Page - LSI Computer Systems 8101 Datasheet HTML 119Page - LSI Computer Systems 8101 Datasheet HTML 120Page - LSI Computer Systems 8101 Datasheet HTML 121Page - LSI Computer Systems 8101 Datasheet HTML 122Page - LSI Computer Systems 8101 Datasheet HTML 123Page - LSI Computer Systems 8101 Datasheet HTML 124Page - LSI Computer Systems 8101 Datasheet HTML 125Page - LSI Computer Systems 8101 Datasheet HTML 126Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 172 page
background image
4-34
Registers
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
TOGGLE
Toggle Bit
11, R/W
Note:
Writing this bit has no effect on device operation. The
transmitted bit is controlled by internal state machine.
MSG[10:0]
Message
[10:0], R/W
These bits carry the 11-bit message associated with this
next page. Refer to IEEE 802.3z specifications for details
on the format and definition of these bits.
4.3.21 Register 24–AutoNegotiation Next Page Receive
Note:
NP 15-bit occurs on the REGD15 pin
NP
Next Page Enable
15, R
ACK
Acknowledge
14, R
PAGETYPE
Page Type
13, R
TOGGLE
Description
1
Value of the toggle bit in previously transmitted
AutoNegotiation word was 0
0
Value of the toggle bit in previously transmitted
AutoNegotiation word was 1
15
14
13
12
11
10
0
NP
ACK
PAGETYPE
ACK2
TOGGLE
MSG[10:0]
NP
Description
1
Additional next page exists
0
This is last next page
ACK
Description
1
Received AutoNegotiation word recognized
0
Not recognized
PAGETYPE
Description
1
Message page
0
Unformatted page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com