Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 123 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 123 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 119Page - LSI Computer Systems 8101 Datasheet HTML 120Page - LSI Computer Systems 8101 Datasheet HTML 121Page - LSI Computer Systems 8101 Datasheet HTML 122Page - LSI Computer Systems 8101 Datasheet HTML 123Page - LSI Computer Systems 8101 Datasheet HTML 124Page - LSI Computer Systems 8101 Datasheet HTML 125Page - LSI Computer Systems 8101 Datasheet HTML 126Page - LSI Computer Systems 8101 Datasheet HTML 127Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 172 page
background image
Register Definitions
4-35
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
ACK2
Acknowledge 2
12, R
TOGGLE
Toggle Bit
11, R
MSG[10:0]
Message
[10:0], R
These bits carry the 11-bit message associated with this
next page. Refer to the IEEE 802.3z specifications for
details on the format and definition of these bits.
4.3.22 Register 32–Device ID
Note:
PART[3] 15-bit occurs on the REGD15 pin.
PART[3:0]
Part Number
[15:12], R
This field contains a 4-bit number that uniquely identifies
the device.
HREV[3:0]
Hardware Revision Number
[11:8], R
This field contains a 4-bit number that identifies that a
revision was made to the device and the revision did not
affect any register bit definitions.
RES
Reserved
[7:4], R/W
Reserved for future use.
SREV[3:0]
Software Revision Number
[3:0], R/W
This field contains a 4-bit number that identifies that a
revision was made to the device and the revision did
affect register bit definitions.
ACK2
Description
1
Able to comply with the received message
0
Not able to comply
TOGGLE
Description
1
Value of the toggle bit in previous transmitted
AutoNegotiation word was 0
0
Value of the toggle bit in previous transmitted
AutoNegotiation word was 1
15
12
11
87430
PART[3:0]
HREV[3:0]
RES
SREV[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com