Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 124 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 124 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 120Page - LSI Computer Systems 8101 Datasheet HTML 121Page - LSI Computer Systems 8101 Datasheet HTML 122Page - LSI Computer Systems 8101 Datasheet HTML 123Page - LSI Computer Systems 8101 Datasheet HTML 124Page - LSI Computer Systems 8101 Datasheet HTML 125Page - LSI Computer Systems 8101 Datasheet HTML 126Page - LSI Computer Systems 8101 Datasheet HTML 127Page - LSI Computer Systems 8101 Datasheet HTML 128Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 172 page
background image
4-36
Registers
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
4.3.23 Register 112–115–Counter Half Full 1
−4
Note:
HFULL[15] 15-bit occurs on the REGD15 pin.
HFULL[15:0]
Counter Half Full Detect
[15:0], R/LHI
These bits indicate when a counter is near overflow is
half full. These four registers contain 53 counter half-full
detect bits, one bit for each of the 53 counters.
Bit 0 in Counter Half Full Register 0 corresponds to
Counter 1 as listed in Table 4.1; bit 15 in Counter Half
Full Register 0 corresponds to Counter 16; bit 4 of
Counter Half Full Register 4 corresponds to Counter 53.
4.3.24 Registers 120–123–Counter Half Full Mask 1
−4
Note:
MASK_HFULL[15] 15-bit occurs on the REGD15 pin
MASK_HFULL[15:0]
Counter Half Full Detect Mask
[15:0], R/W
The MASK_HFULL[15:0] bits mask (disable) the interrupt
caused by the counter half-full detect bits. These four
registers contain 53 mask bits, one bit for each of the 53
half-full detect bits.
Bit 0 in Counter Half Full Mask Register 0 masks the
interrupt caused by the half full detect bit for Counter 1;
bit 15 in Counter Half Full Mask Register 0 corresponds
to Counter 16; bit 4 in Counter Half Full Mask Register 3
corresponds to Counter 53.
15
0
HFULL[15:0]
HFULL[15:0]
Description
1
Counter has reached a count of 0x80000000,
(half full).
0
Count
< 0x80000000
15
0
MASK_HFULL[15:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com