Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 128 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 128 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 124Page - LSI Computer Systems 8101 Datasheet HTML 125Page - LSI Computer Systems 8101 Datasheet HTML 126Page - LSI Computer Systems 8101 Datasheet HTML 127Page - LSI Computer Systems 8101 Datasheet HTML 128Page - LSI Computer Systems 8101 Datasheet HTML 129Page - LSI Computer Systems 8101 Datasheet HTML 130Page - LSI Computer Systems 8101 Datasheet HTML 131Page - LSI Computer Systems 8101 Datasheet HTML 132Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 172 page
background image
5-2
Application Information
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
5.1 Typical Ethernet Port
A typical example of a Gigabit Ethernet switch port using the 8101/8104
controller is shown in Figure 5.1.
Figure 5.1
Gigabit Ethernet Switch Port Using the 8101/8104
5.2 10-Bit PHY Interface
The 10-bit PHY interface directly couples to any external physical layer
device that complies with the IEEE 802.3z or the 10-bit ANSI X3.230
interface standards.
5.2.1 External Physical Layer Devices
In a typical configuration, the controller is connected to an external
Serializer/Deserializer (SerDes) Integrated circuit, as shown in
Figure 5.1. A list of SerDes devices whose specifications are compatible
with and can directly connect to the controller is shown in Table 5.1.
TX DATA
RX DATA
MGMT
8101/8104
Gigabit
MAC + PCS
32
32
16
IEEE
802.3 10-Bit
Interface
Serializer/
Deserializer
IC
ANSI
PECL
Interface
Fiber
Optic
Transceiver
Optical
Fiber
MAC
PHY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com