| Electronic Components Datasheet Search |
|
8101 Datasheet(PDF) 130 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
8101 Datasheet(HTML) 130 Page - LSI Computer Systems |
|
130 / 172 page ![]() 5-4 Application Information Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved. 5.3.1.1 Complete Packet Watermarks To transfer data to and from the controller in completed packets, only one watermark is needed. Either transmit watermark could be chosen for this application. On the receive side, RXWM2 should be chosen because it is asserted when a complete packet is loaded into the RX FIFO. The transmit and receive watermark thresholds should preferably be set to a value equal to or larger than the maximum size packet (1518 bytes or greater). On the transmit side, the data is written into the TX FIFO in complete packet bursts when the system requires. On the receive side the data is read out of the RX FIFO beginning with the assertion of RXWM2 and ending when RXEOF is asserted. 5.3.1.2 Fixed Block Watermarks To transfer data to and from the controller in fixed block sizes (64 bytes at a time, for example), only one watermark is needed. Either transmit watermark could be chosen for this application. On the receive side, RXWM2 should be chosen because it is asserted when a complete packet is loaded into the RX FIFO. The transmit watermark threshold is set to a low value (64 bytes for example), and the receive watermark thresholds preferably are set to a value equal to or greater than the fixed cell size (64 bytes in this example). On the transmit side, the data is written into the TX FIFO in fixed block size bursts when the system requires. When the transmit watermark is deasserted, another block must be written into the TX FIFO. On the receive side, the data is read out of the RX FIFO beginning with the assertion of RXWM2 and ending when the fixed block has been read out (64 bytes in this example) or RXEOF has been asserted. 5.3.1.3 Variable Block Watermarks To transfer data to and from the controller in variable cell sizes, two watermarks are needed. The TXWM1n and RXWM1 watermark thresholds are set to some low value (64 bytes for this example) while the TXWM2n and RXWM2 watermark thresholds are set to some high value (1024 bytes for example). On the transmit side, the data is written into the TX FIFO when the system requires. If TXWM2n is asserted, the data input must be halted. If TXWM1n is deasserted, the data input must be resumed. In this way, the TX FIFO contents are kept between the high and low watermark thresholds, which potentially increses the external |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |