Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 134 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 134 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 130Page - LSI Computer Systems 8101 Datasheet HTML 131Page - LSI Computer Systems 8101 Datasheet HTML 132Page - LSI Computer Systems 8101 Datasheet HTML 133Page - LSI Computer Systems 8101 Datasheet HTML 134Page - LSI Computer Systems 8101 Datasheet HTML 135Page - LSI Computer Systems 8101 Datasheet HTML 136Page - LSI Computer Systems 8101 Datasheet HTML 137Page - LSI Computer Systems 8101 Datasheet HTML 138Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 172 page
background image
5-8
Application Information
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
5.6.1 AutoNegotiation at Power Up
When the device is powered up the AutoNegotiation algorithm must
handshake with the remote device to configure itself for a common mode
of operation. To insure smooth and proper AutoNegotiation operation at
power up it is recommended that the procedure outlined in Table 5.4 be
followed.
Table 5.4
AutoNegotiation Power Up Procedure
STEP
Action
Result
1
Wait for the SD pin to go HIGH (If
SD is not used, go to the next step.)
Waits for valid data from the optical transceiver.
2
Set RST bit in Register 7
Resets the device.
3
Set bits [15:0] in Register 21
Sets up the capabilities for AutoNegotiation.
4
Set the remaining
register bits as needed.
Sets up the device for the desired operation.
5
Set ANRST bit in Register 7
Restarts AutoNegotiation.
6
Wait > 50
µs
Wait for AutoNegotiation to complete.
7
Read LINK bit in register 11 twice. If
0, then done. If 1, repeat #5–7
(up to seven times).
Determine if AutoNegotiation done and link pass. If
link pass, device ready for operation. If link fail, retry
again seven more times. If no link pass after seven
times, disable ANEG and try manual link pass.
8
Clear AN_EN bit in Register 9
Disable AutoNegotiation.
9
Clear ANRST bit in Register 7
Clears all internal AutoNegotiation circuitry.
10
Wait > 100
µs
Wait for manual link pass.
11
Read LINK bit in Register 11 twice.
If 0, go to first step. If 1, done.
If manual link pass, then device ready for operation. If
link fail, then redo procedure until link pass is
achieved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com