Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 131 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 131 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 127Page - LSI Computer Systems 8101 Datasheet HTML 128Page - LSI Computer Systems 8101 Datasheet HTML 129Page - LSI Computer Systems 8101 Datasheet HTML 130Page - LSI Computer Systems 8101 Datasheet HTML 131Page - LSI Computer Systems 8101 Datasheet HTML 132Page - LSI Computer Systems 8101 Datasheet HTML 133Page - LSI Computer Systems 8101 Datasheet HTML 134Page - LSI Computer Systems 8101 Datasheet HTML 135Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 172 page
background image
Reset
5-5
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
system loading efficiency. Similarly, on the receive side the data must be
read out of the RX FIFO when RXWM2 is asserted. If RXWM1 is
deasserted, or RXEOF is asserted, the data output must be halted. If
RXWM2 is asserted the data output must be resumed. In this way, the
RX FIFO contents are kept between the high and low watermarks.
The transmit and receive watermarks can also be used to indicate that
the FIFO is full or empty (or almost full or almost empty), if desired.
5.3.2 PCB Layout
Because the data rate of the system interface can be as high as 66 MHz,
care should be taken to keep PCB trace lengths of all critical signals as
short as possible, preferably less than 2 inches in length. If this guideline
is followed termination is not necessary.
5.4 Reset
While the device is being reset, it transmits valid 10B symbols out of the
10-bit PHY interface on TXD[0:9] and TBC. If the device is reset with the
RESETn pin for a long period of time, these 10B symbols may be
mistakenly decoded as valid packet information and fill up the memory
in a remote device. The reset procedure outlined in Table 5.2 avoids this
situation and is recommended for use when the RESETn pin is asserted
for long periods of time. When the reset bit is used for device reset the
above situation is avoided because the reset bit is self-clearing in 1
µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com