Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 129 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 129 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 125Page - LSI Computer Systems 8101 Datasheet HTML 126Page - LSI Computer Systems 8101 Datasheet HTML 127Page - LSI Computer Systems 8101 Datasheet HTML 128Page - LSI Computer Systems 8101 Datasheet HTML 129Page - LSI Computer Systems 8101 Datasheet HTML 130Page - LSI Computer Systems 8101 Datasheet HTML 131Page - LSI Computer Systems 8101 Datasheet HTML 132Page - LSI Computer Systems 8101 Datasheet HTML 133Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 172 page
background image
System Interface
5-3
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
5.2.2 Printed Circuit Board Layout
The 10-bit PHY interface clocks data at 125 MHz. The setup and hold
times on the timing signals are very short. The outputs are specified
assuming a maximum load of only 10 pf. For these reasons, it is
imperative that the SerDes or other physical layer device be placed as
close as possible to the controller, preferably within one inch. In addition,
care should be taken to eliminate any extra loading on all the 10-bit PHY
interface signal lines. Also, the clock and data lines in both receive and
transmit directions should be routed along the same paths so that they
have similar parasitics and delays, to prevent degrading setup and hold
times. Termination is not necessary if these precautions are taken.
5.3 System Interface
The system interface requires the selection of watermarks and close
attention to printed circuit board layout.
5.3.1 Watermarks
There are two independent watermarks on both the transmit and receive
FIFOs. The usage of these watermarks is unspecified and is left to the
discretion of the system designer. Below are three examples of
watermark usage based on transferring data in any of the following ways:
• Complete packets
• Fixed block sizes
• Variable block sizes
Table 5.1
Compatible SerDes Devices
Vendor
Device No.
Vitesse
VSC7135
Hewlett-Packard
HDMP-1636
HDMP-1646
Sony
CXB1589Q
AMCC
52052
TriQuint
TQ9506



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com