Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 125 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 125 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 121Page - LSI Computer Systems 8101 Datasheet HTML 122Page - LSI Computer Systems 8101 Datasheet HTML 123Page - LSI Computer Systems 8101 Datasheet HTML 124Page - LSI Computer Systems 8101 Datasheet HTML 125Page - LSI Computer Systems 8101 Datasheet HTML 126Page - LSI Computer Systems 8101 Datasheet HTML 127Page - LSI Computer Systems 8101 Datasheet HTML 128Page - LSI Computer Systems 8101 Datasheet HTML 129Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 172 page
background image
Register Definitions
4-37
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
4.3.25 Registers 128
−233–Counter 1−53
Note:
C15 15-bit occurs on the REGD15 pin.
C[15:0]
Counter Result Value
[15:0], R
These 106 registers contain the results of the 53 32-bit
management counters.
Each 32-bit counter result value resides in two 16-bit
registers. For the two registers associated with each
counter, the register with the lower value address always
contains the least-significant 16 bits of the counter result.
C0 of the lower value address is the counter LSB; C15 of
the higher value is the counter MSB.
The definition and register address for each counter is
shown in Table 2.14. The register address for each
counter is also shown in Table 4.2.
MASK_HFULL[15:0] Description
1
Mask (disable) the interrupt caused by
the corresponding Counter Half Full
Detect Bit.
0
No mask
15
0
C[15:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com