Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 115 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 115 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 111Page - LSI Computer Systems 8101 Datasheet HTML 112Page - LSI Computer Systems 8101 Datasheet HTML 113Page - LSI Computer Systems 8101 Datasheet HTML 114Page - LSI Computer Systems 8101 Datasheet HTML 115Page - LSI Computer Systems 8101 Datasheet HTML 116Page - LSI Computer Systems 8101 Datasheet HTML 117Page - LSI Computer Systems 8101 Datasheet HTML 118Page - LSI Computer Systems 8101 Datasheet HTML 119Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 172 page
background image
Register Definitions
4-27
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
TASND[5:0]
Transmit FIFO AutoSend Threshold
[5:0], R/W
Note 1:
An EOF written into FIFO also starts transmission of that
packet regardless of the AutoSend threshold setting.
Note 2:
The 0b000000 setting in TASND[5:0] lets the FIFO fill up
before transmission starts, facilitating transmission of
oversize packets.
4.3.15 Register 18–Receive FIFO Threshold
Note:
RWM1[15] 15-bit occurs on REGD15 pin.
RWM1[7:0]
Receive FIFO Watermark 1 Threshold
[15:8], R/W
TASND[5:0]
Description
Range
0
−1024 words (0−4096 bytes)
Increment
8 words (32 bytes)
111111
Reserved do not use
111110
Transmit starts when 504 words in FIFO
000010
Transmit starts when 24 words in FIFO
000001
Transmit starts when 16 words in FIFO
000000
Transmit starts when 992 words in FIFO
15
8
7
0
RWM1[7:0]
RWM2[7:0]
RWM1[7:0]
Description
Range
0
−4096 words (0−16386 bytes)
Increment
16 words (64 bytes)
11111111
Reserved, do not use
11111110
4080 words in FIFO (16320 bytes)
11111110
4064 words in FIFO (16256 bytes)
00000001
32 words in FIFO (128 bytes)
00000000
16 words in FIFO (64 bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com