Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 111 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 111 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 107Page - LSI Computer Systems 8101 Datasheet HTML 108Page - LSI Computer Systems 8101 Datasheet HTML 109Page - LSI Computer Systems 8101 Datasheet HTML 110Page - LSI Computer Systems 8101 Datasheet HTML 111Page - LSI Computer Systems 8101 Datasheet HTML 112Page - LSI Computer Systems 8101 Datasheet HTML 113Page - LSI Computer Systems 8101 Datasheet HTML 114Page - LSI Computer Systems 8101 Datasheet HTML 115Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 172 page
background image
Register Definitions
4-23
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
LNKDN
Link Down FIFO Flush Enable
11, R/W
TBC_DIS
TX Disable
10, R/W
RES
Reserved
[9:8], [5:0] R/W
Must be left at default value or written to 0 for proper
device operation.
CMXPKT[1:0] Counter Max Packet Size Select
[7:6], R/W
4.3.12 Register 11–Status 1
Note:
RSYNC 15-bit occurs on the REGD15 pin
RSYNC
Receive Word Synchronization Detect
15, R/LTI
RES
Reserved
[14:13], [10:8], [2:0]
Must be left at default value or written to 0 for proper
device operation.
LNKDN
Description
1
When receive link is down, data exiting the TX
FIFO is discarded
0
Normal
TBC_DIS
Description
1
TBC, TX [9:0] outputs disabled (high impedance)
0
Enabled
CMXPKT[1:0]
Description
11
Unlimited
10
1535 bytes
01
1522 bytes
00
1518 bytes
15
14
13
12
11
10
8
7
6
5
4
3
2
0
RSYNC
RES
SD
LINK
RES
AN_NP AN_TX_NP AN_RX_NP AN_RX_BP AN_RMTRST
RES
RSYNC
Description
1
Receive 8B10B PCS has acquired word
synchronization
0
Not synchronized



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com