Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 155 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 155 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 151Page - LSI Computer Systems 8101 Datasheet HTML 152Page - LSI Computer Systems 8101 Datasheet HTML 153Page - LSI Computer Systems 8101 Datasheet HTML 154Page - LSI Computer Systems 8101 Datasheet HTML 155Page - LSI Computer Systems 8101 Datasheet HTML 156Page - LSI Computer Systems 8101 Datasheet HTML 157Page - LSI Computer Systems 8101 Datasheet HTML 158Page - LSI Computer Systems 8101 Datasheet HTML 159Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 172 page
background image
AC Electrical Characteristics
6-11
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
Note:
Refer to Figure 6.7 for timing diagram.
Figure 6.7
Transmit 10-Bit PHY Interface Timing
Table 6.6
Transmit 10-Bit PHY Interface Timing Characteristics
Symbol
Parameter
Limit
Unit
Conditions
Min
Typ
Max
t61
TBC period
7.992
8
8.008
ns
t62
TBC HIGH time
3.2
4.8
ns
t63
TBC LOW time
3.2
4.8
ns
t64
TX[0:9] data valid before
TBC rising edge
2.0
ns
Assumes TBC duty
cycle = 40
−60%
t65
TX[0:9] data valid after
TBC rising edge
1.0
ns
Assumes TBC duty
cycle = 40–60%
t66
TBC, TX[0:9]
rise and fall time
0.7
2.4
ns
t66
TBC
TX[0:9]
t62
t63
t61
t64
t65
t66
t66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com