Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 157 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 157 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 153Page - LSI Computer Systems 8101 Datasheet HTML 154Page - LSI Computer Systems 8101 Datasheet HTML 155Page - LSI Computer Systems 8101 Datasheet HTML 156Page - LSI Computer Systems 8101 Datasheet HTML 157Page - LSI Computer Systems 8101 Datasheet HTML 158Page - LSI Computer Systems 8101 Datasheet HTML 159Page - LSI Computer Systems 8101 Datasheet HTML 160Page - LSI Computer Systems 8101 Datasheet HTML 161Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 172 page
background image
AC Electrical Characteristics
6-13
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
Note:
Refer to Figure 6.9 and Figure 6.10 for timing diagrams.
Table 6.8
Register Interface Timing Characteristics
Symbol
Parameter
Limit
Unit
Conditions
Min
Typ
Max
t81
REGCSn, REGWRn,
REGRDn, REGA, REGD
setup time
10
ns
t82
REGCSn, REGWRn,
REGRDn, REGA, REGD
hold time
1ns
t83
REGCLK to REGD
active delay
10
ns
Read cycle.
All registers except
Counter Registers 1–53
6
REGCLK
cycles +
10 ns
ns
Read cycle. Counter
Registers 1–53, first 16
bits of counter result
3
REGCLK
cycles +
10 ns
ns
Read cycle. Counter
Registers 1–53, second
16 bits of counter result
t84
REGCLK to REGD
3-state delay
010
ns
t85
REGCLK to REGINT
assert delay
020
ns
t86
REGCLK to REGINT
deassert delay
020
ns
t87
Deassertion time between
reads
4
REG-
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com