Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 156 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 156 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 152Page - LSI Computer Systems 8101 Datasheet HTML 153Page - LSI Computer Systems 8101 Datasheet HTML 154Page - LSI Computer Systems 8101 Datasheet HTML 155Page - LSI Computer Systems 8101 Datasheet HTML 156Page - LSI Computer Systems 8101 Datasheet HTML 157Page - LSI Computer Systems 8101 Datasheet HTML 158Page - LSI Computer Systems 8101 Datasheet HTML 159Page - LSI Computer Systems 8101 Datasheet HTML 160Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 172 page
background image
6-12
Specifications
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
Note:
Refer to Figure 6.8 for timing diagram.
Figure 6.8
Receive 10-Bit PHY Interface Timing
Table 6.7
Receive 10-Bit PHY Interface Timing Characteristics
Symbol
Parameter
Limit
Unit
Conditions
Min
Typ
Max
t71
RBC frequency
62.4937
62.5
62.5063
MHz
t72
RBC HIGH time
6.4
9.6
ns
6.4
128
ns
During
synchronization
t73
RBC LOW time
6.4
9.6
ns
6.4
128
ns
During
synchronization
t74
RBC skew
7.5
8.5
ns
t75
RX[0:9] setup time
2.5
ns
t76
RX[0:9] hold time
1.5
ns
t77
RBC, RX[0:9]
rise and fall time
0.7
2.4
ns
t76
t75
t77
RBC1
RX[0:9]
t74
t77
t77
t77
t71
t76
t75
t72
t73
t72
t73
t71
t77
RBC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com