Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 29 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 29 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 25Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 26Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 27Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 28Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 29Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 30Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 31Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 32Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 33Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
29
2019-04-04
Available Functions in Each Low Power Mode
Available functions in each low power mode are shown in Table 3-3.
A suitable low power mode should be selected. For the details of the current consumption, refer to Section 5.3.
Table 3-3 Available functions
Function
Active mode
Sleep mode
Backup mode
Deep Sleep mode (Note 1)
Reference clock
Oscillation
Stop
Stop
Stop
Sleep clock
Oscillation
Oscillation
Oscillation
Stop
CPU power supply
ON
ON
OFF
OFF
CPU clock
16 MHz/32 MHz
Stop
Stop
Stop
Built-in power supply
DC/DC converter: 1.2 V
(Commodity devices) or
LDO regulator: 1.2 V
(Customized devices)
LDO regulator: 0.85 V
LDO regulator: 0.85 V
DC/DC converter: OFF
LDO regulator: OFF
RAM
Whole data is retained.
Whole or part of the data
before entering this mode is
retained.
Or, no data is retained.
(Note 2)
Whole or part of the data
before entering this mode is
retained.
Or, no data is retained.
(Note 2)
No data before entering this
mode is retained. (Note 2)
Bluetooth®
wireless
Connection
Available
Available
TC35680/TC35681 do not
enter this mode during
communicating.
Not available
Scan
Available
TC35680/TC35681 do not
enter this mode during
scanning.
Advertise
Available
Available (Note3)
Initiating
Available
TC35680/TC35681 do not
enter this mode during
initiating.
Hardware reset
Available
Available
Available
Available
GPIO
Available
Except the ANYKEY wake-up, the GPIO0 wake-up and the
GPIO15 wake-up, other GPIO functions are not executed in
this mode. After a wake-up, the settings before entering this
mode are resumed.
Except the GPIO0 wake-up
and the GPIO15 wake-up,
other GPIO functions are not
executed in this mode.
Before entering this mode,
the status is retained.
UART
Available
This IC does not enter this mode during communication. In
this mode, any UART functions are not executed. Only
when the API described in the “Programming Guide” is used
to control the UART, the settings before entering this mode
are resumed.
Deactivated.
SPI
Available
This IC does not enter this mode during communication. In
this mode, any SPI functions are not executed. After a
wake-up, the settings before entering this mode are
resumed.
Deactivated.
I2C
Available
This IC does not enter this mode during communication. In
this mode, any I2C functions are not executed. After a wake-
up, the settings before entering this mode are resumed.
Deactivated.
PWM
Available
Before entering this mode, this PWM function should be
stopped. After wake-up, the settings before entering this
mode are resumed.
Deactivated.
ADC
Available
This IC does not enter this mode during ADC is operated. In
this mode, ADC functions are not executed. After wake-up,
the settings before entering this mode are resumed.
Deactivated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com