| Electronic Components Datasheet Search |
|
TC35680FSG Datasheet(PDF) 25 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC35680FSG Datasheet(HTML) 25 Page - Toshiba Semiconductor |
|
25 / 91 page ![]() TC35680FSG-002/TC35681FSG-002 25 2019-04-04 HCI Mode In the HCI mode, a host CPU controls TC35680/TC35681 using the HCI commands and the Extended HCI commands which are stored in the built-in firmware. The host CPU is connected to TC35680/TC35681 with the UART interface. The HCI mode is used for the following purposes; TC35680/TC35681 are controlled using the HCI commands and the Extended HCI commands. Bluetooth® Qualification test and Radio Frequency (RF) Certification test in different countries and regions. A user application program (firmware) is programmed to the built-in Flash memory. RF test is done. The operating mode is changed by the HCI command. The program for the HCI mode is stored in the mask ROM as a built-in firmware. So, in HCI mode, the TC35680/TC35681 do not execute a user application program which is executed by the CPU of the TC35680/TC35681. After start-up, the GPIO5 pin (UART1- TX) and the GPOO6 pin (UART1-RX) are assigned to the UART interface pins by the built-in firmware. The initial setting of the UART interface in the HCI mode is shown in Table 3-2. Table 3-2 Initial setting of UART interface in HCI mode Baud rate 115.2 kbps Parity bit None Data length 8 bits Stop bit 1 bit Flow control None Protocol HCI Complete Mode After start-up in the HCI mode, a proper command can switch to the Complete mode. Then a TCU command can be used to control the system. The TCU command is a control API in the GATT/SM layer, and it is stored in the mask ROM. The HCI_SET_MODE command is used to switch the HCI mode to the Complete mode. User-App Mode In the User-App mode, a user application program is executed by the CPU in TC35680/TC35681. The user application program can use the Bluetooth® Low Energy protocol stack and a hardware control API in the built-in firmware. In this document, the control function that can be used in the User-App mode is described as “API”. TC35680/TC35681 download a user application program with one of the following methods, and execute the program. Download of the user application program which is stored in the built-in Flash memory (TC35680) or an external EEPROM (TC35681) in the proper format Download of a user application program from the host CPU via the UART interface The storage memory of a user application program is the built-in Flash memory in TC35680 or an external EEROM for T35681. TC35681 and the EEPROM should be connected with the I2C interface (GPIO7 and GPIO8). A user application program cannot occupy all resources of the CPU. The built-in firmware also uses resources of the CPU. So user should fully evaluate that a desired functions are executed as expected and the performance reaches the target level. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |