Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 63 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 63 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 59Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 60Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 61Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 62Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 63Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 64Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 65Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 66Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 67Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
63
2019-04-04
4.13. Sleep Clock Interface
Feature
The sleep clock interface has the following features;
Selection source clock of sleep clock from among the following three clocks
Crystal resonator
External oscillator
Built-in silicon oscillator (SiOSC)
Frequency: 32.768 kHz
Frequency accuracy: ±500 ppm or less (in operating environment)
Built-in 32-step variable capacitor (0 to 15.56 pF)
Load capacitance and equivalent series resistance of the crystal resonator
Load capacitance: 4 pF
Equivalent series resistance: 80
kΩ (recommended)
The SiOSC oscillates at start-up. After the start-up, the clock source can be changed to the crystal resonator or an external oscillator.
The jitter of the oscillation of the SiOSC is too large to comply with the Bluetooth® specification. So it is necessary that the clock
source is changed to the crystal resonator or an external oscillator for the Bluetooth® communication.
Selection of Sleep Clock Source
The sleep clock source of TC35680/TC35681 can be selected from among the three clocks. The command and the API to change
the source are shown in Table 4-15.
After start-up, the selection of the sleep clock source is done only once.
Table 4-15 Command and API to change a clock source
Operating mode
Command and API
HCI mode
HCI_M2_BTL_SET_LOW_POWER_CLOCK
User-App mode
SYS_API_SetBlesglSleepClock
Use of Crystal Resonator
An external feedback resistor and external capacitors are unnecessary for the crystal oscillation circuit in TC35680/TC35681,
because the devices integrate the feedback resistor and a variable capacitor (0 to 15.56 pF) on the input and output pins of the crystal
resonator. A crystal resonator which has a load capacitance of 4 pF should be connected between the SLPXOIN and SLPXOOUT
pins, and the capacitance of the variable capacitor should be adjusted so that the frequency deviation does not exceed ±500 ppm
under the use environment.
The recommended equivalent series resistance of the crystal resonator is 80
kΩ. The oscillation margin should be evaluated
sufficiently when a crystal resonator with a larger equivalent series resistance is used.
For the details of the adjustment of the variable capacitor, refer to the “Hardware Application Note”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com