Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 83 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 83 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 79Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 80Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 81Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 82Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 83Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 84Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 85Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 86Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 87Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
83
2019-04-04
6.3. Connection Example for User-App Mode (TC35681 downloads a user application
program from an external EEPROM)
Figure 6-3 Example circuit for system configuration for TC35681FSG (User-App mode)
4
TMODE
5
VPGM
13
VSSX
20
VSSDC
FIN
VSSD2
7
RFIO
6
VSSRFIO
8
VSSA
TRTEST1
10
TRTEST2
3
RESETX
21
SLPXO IN
22
SLPXO OUT
12
XO OUT
11
XO IN
2
X2
1
X1
VDD
BAT_1
27
VSSD1
9
26
GPIO10
30
GPIO3
29
GPIO4
28
GPIO9
35
GPIO11
34
GPIO12
32
SWDCLK
17
SWDIO
39
38
GPIO7
GPIO8
40
GPIO1
16
GPIO2
37
36
GPIO5
GPIO6
VDD
UART1-TX
UART1-RX
Debug connector
Coaxial Connect er
2
1
ANT
For developing &
evaluating
Up to 3 component s are
required for the ant enna
matching network.
The number of component s
depends on the ant enna type.
VDD
18
VBAT
23
VDDIO
VDD
32.768 kHz
ST2012SB32768Z0HSZB1
1 k
Ω
31
GPIO0
33
GPIO15
25
GPIO13
1
GPIO16
24
GPIO14
2
GPIO17
18 pF
19
LX
14
VDDCORE1
15
VDDCORE2
10
µH
MLZ1608N100L
(TDK)
3.3 nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com