Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 20 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 20 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 16Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 17Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 18Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 19Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 20Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 21Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 22Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 23Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 24Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
20
2019-04-04
Power Supply System
TC35680/TC35681 integrate a DC/DC converter and multiple LDO regulators. Many circuits in the device are supplied with power
from step-down power supply. Power Management Unit (PMU) switches the power supplies dynamically and controls the output
voltage to optimize power efficiency according to low power modes.
The power dedicated to the digital interface can be supplied on the VDDIO pin. So system design or user application need not care
about the power control done by the PMU.
For details of the power supply system, refer also to Section 3.6 and Section 4.4.
Clock System
The frequency of the reference operation clock is 32 MHz. And the frequency of the sleep clock is 32.768 kHz. Each clock circuit has
its own clock divider, so each block including the CPU can be supplied with an optimized clock. For the setting parameters for each
block, refer to the function description in Chapter 4. For the details of the reference clock and the sleep clock, refer to Section 4.12
and Section 4.13, respectively.
The source of the sleep clock of TC35680/TC35681 can be selected from among the following three clock sources. At start-up, the
built-in silicon oscillator (hereafter, SiOSC) is used.
SiOSC
Crystal resonator (A crystal oscillation circuit is used.)
External sleep clock input
The frequency accuracy of the SiOSC is not compliant with the Bluetooth® connection. It cannot be used for the application which
executes the Bluetooth® connection. The SiOSC can be used for application which includes advertising only, and others.
For the details of the sleep clock, refer to Section 4.13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com