Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 74 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 74 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 70Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 71Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 72Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 73Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 74Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 75Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 76Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 77Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 78Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
74
2019-04-04
Table 5-9 RF reception characteristics
Test item
Condition 1
Packet
Modulation condition
Channel
Condition 2
Min.
Typ.
Max.
Unit
Rx Sensitivity
PER = 30.8 %
at 1500 packets
with dirty
37
octets
—
0, 12,
19, 39
2 Mbps
—
-93.2
—
dBm
1 Mbps
—
-95.6
—
500 kbps
(Coded PHY, S = 2)
—
-101.2
—
125 kbps
(Coded PHY, S = 8)
—
-105.2
—
255
octets
—
0, 12,
19, 39
2 Mbps
—
-91.3
—
1 Mbps
—
-93.8
—
500 kbps
(Coded PHY, S = 2)
—
-100.0
—
125 kbps
(Coded PHY, S = 8)
—
-105.1
—
C/I and Receiver
Selectivity
Performance,
uncoded data at
1 Ms/s
PER = 30.8 %
at 1500 packets
255
octets
Wanted signal:
Bluetooth LE
modulation PRBS9
Interferer:
Bluetooth LE
Modulation PRBS15
0, 2,
12, 19,
37, 39
-7 MHz
—
-42
-27
dB
-6 MHz
—
-32
-15
-5 MHz
—
-27
-9
-4 MHz
—
-29
-15
-3 MHz
—
-29
-27
-2 MHz
—
-26
-17
-1 MHz
—
-3
15
0 MHz
—
8
21
1 MHz
—
-2
15
2 MHz
—
-25
-17
3 MHz
—
-33
-27
4 MHz
—
-39
-27
5 MHz
—
-40
-27
6 MHz
—
-41
-27
C/I and Receiver
Selectivity
Performance,
uncoded data at
2 Ms/s
PER = 30.8 %
at 1500 packets
255
octets
Wanted signal:
Bluetooth LE
modulation PRBS9
Interferer:
Bluetooth LE
Modulation PRBS15
0, 2,
2, 19,
37, 39
-14 MHz
—
-43
-27
dB
-12 MHz
—
-35
-15
-10 MHz
—
-30
-9
-8 MHz
—
-32
-15
-6 MHz
—
-36
-27
-4 MHz
—
-30
-17
-2 MHz
—
-7
15
0 MHz
—
5
21
2 MHz
—
-8
15
4 MHz
—
-29
-17
6 MHz
—
-37
-27
8 MHz
—
-39
-27
C/I and Receiver
Selectivity
Performance, LE
Coded (S=2)
PER = 30.8 %
at 1500 packets
255
octets
Wanted signal:
Bluetooth LE
modulation PRBS9
Interferer:
Bluetooth LE
Modulation PRBS15
0, 2,
12, 19,
37, 39
-7 MHz
—
-52
-31
dB
-6 MHz
—
-36
-19
-5 MHz
—
-30
-13
-4 MHz
—
-33
-19
-3 MHz
—
-36
-31
-2 MHz
—
-34
-21
-1 MHz
—
-5
11
0 MHz
—
6
17
1 MHz
—
-5
11
2 MHz
—
-30
-21
3 MHz
—
-37
-31
4 MHz
—
-43
-31
5 MHz
—
-49
-31
6 MHz
—
-51
-31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com