Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 24 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 24 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 20Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 21Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 22Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 23Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 24Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 25Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 26Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 27Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 28Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
24
2019-04-04
3.4. Selection and Setting of Operating Mode
The following two methods are available to set an operating mode.
Setting is done by the status of the GPIO1 and SWDIO pins at start-up
Setting is done by the HCI_SET_MODE command after start-up in the HCI mode. (The Complete mode or the User-App
mode can be selected.)
Table 3-1 shows the application of each operating mode and its setting at start-up.
When the User-App mode is selected at start-up, it is not possible to switch directly to the HCI mode. A restart (a hardware reset
assertion) is necessary to switch from the User-App mode or the Complete mode to another operating mode.
Table 3-1 Application of each operating mode and its setting at start-up
Operating mode
Setting at start-up
Application
GPIO1
SWDIO
User-App mode
H
—
Execution of a user application program
HCI mode
L
H
RF test
Radio Frequency (RF) Certification test
Bluetooth® Qualification test
Programming of a user application program (firmware)
Control by HCI/Extended HCI commands
Complete mode
L
H
Device control by TCU commands
(Control commands in the GATT/SM layer)
Test mode
L
L
This setting is prohibited.
Note: The built-in firmware assigns the input function with the pull-up resistor ON to the GPIO1 pin at start-up. So, when the pin is open
at start-up, the User-App mode is selected. When the setting pins are pulled down with external resistors, respectively, the values
of the resistors should be sufficiently lower than the values of the internal pull-up resistors.
1 kΩ, for example, is OK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com