Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 32 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 32 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 28Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 29Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 30Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 31Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 32Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 33Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 34Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 35Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 36Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
32
2019-04-04
Condition on Return from Low Power Mode
The low power mode of TC35680/TC35681 can be enabled to switch to the Active mode by the following condition.
One of the triggers in Table 3-4 occurs in the corresponding low power mode.
Even if TC35680/TC35681 is in the Low power mode, they temporarily return to the Active mode at the timing of the Bluetooth®
connection or the timing of Advertising or Scanning without the wake-up notification to the host CPU and user application. After
executing the communicating, they enter the Low power mode again.
Table 3-4 Wake-up and boot factors
Note 1: When the Auto-Advertising function is set before the transition to the Backup mode, TC35680/TC35681 wake up themselves
after a set number of the Advertising packets are transmitted.
Note 2: If there is counter which can count more than one hour using the 1-second timer, TC35680/TC35681 wake up themselves
temporarily every hour in the Sleep mode. This wake-up notification isn’t sent to the user application. The time interval cannot
be changed.
Note 3: In the case that the Auto-Advertising function is used. For the details, refer to Section 4.3.
Acquisition of Wake-up Factor and Return from Low Power Mode
The user application can acquire a wake-up factor by using the API “SYS_API_GetWakeUpCauseValue()”. After the acquisition of
the wake-up factor, a proper procedure in the user software program should be done. For details of the wake-up factors and the API,
refer to the “Programming Guide”.
The procedure for wake-up in the Deep Sleep mode is the same as that of the cold boot. It can be recognized that the wake-up is
done at the Deep Sleep mode.
If the retention of the RAM data is not set before Sleeping, the data is lost at the wake-up in a low power mode.
Sleep mode
Backup mode
Deep Sleep mode
Reset mode
 GPIO0 interrupt or GPIO15 interrupt
 ANYKEY wake-up interrupt
 RTC alarm
 Expiration of the counter of the
1-second timer or the 1-ms timer.
 Reception of a packet from a remote
device.
 Hardware reset deassertion.
 One hour elapses after the transition
to the Sleep mode. (Note 2)
 GPIO0 interrupt or GPIO15 interrupt
 ANYKEY wake-up interrupt
 RTC alarm
 Connection request from a remote
device (Note 3)
 The number of the auto-advertising
becomes a set value. (Note 1)
 Hardware reset deassertion
 GPIO0 interrupt or GPIO15 interrupt
 Hardware reset deassertion
 Hardware reset
deassertion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com