Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 69 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 69 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 65Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 66Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 67Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 68Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 69Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 70Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 71Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 72Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 73Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
69
2019-04-04
5.2. Operating Condition
The operating conditions are the conditions where this product can operate correctly with good quality. Malfunction may occur
when even one of the conditions is not kept during operation. Please keep all specified conditions when an application equipment
using this product is designed to avoid unexpected or poor results.
Table 5-2 Operation range (VSSA = VSSRFIO = VSSDC = VSSD = VSSX = 0 V)
Item
Symbol
(Pin name or Condition)
Min.
Typ.
Max.
Unit
Power
supply
voltage
VBAT operation
voltage
VBATopr
(TC35680)
1.9
3.0
3.6
V
VBATopr
(TC35681: Ta max. 105 °C)
1.8
VBATopr
(TC35681: Ta max. 120 °C)
2.0
VDDIO operation
voltage
(Note 1)
VDDIOopr
1.8
3.0
3.6
V
VDDIOFQ output
voltage
(Note 1) (Note 2)
VDDIOFQ (Note 2)
—
1.7
—
V
VDDCORE
voltage
(Note 1)
VDDCORE1/VDDCORE2
(Active mode)
—
1.2
—
V
VDDCORE1/VDDCORE2
(Low power mode)
—
0.85
—
V
RF frequency
Fc
2400
—
2483.5
MHz
Input frequency
Reference clock Fck
31.9984
32.00000
32.00160
MHz
Sleep clock fslclk
32.751616
32.768000
32.784384
kHz
Ambient temperature
Ta (TC35680)
-40
+25
+85
°C
Ta (TC35681)
+120
Note 1: For the examples of recommended connections of the power supply pins, refer to the “Hardware Application Note”.
Note 2: The VDDIOFQ pin is an internal LDO regulator output. So do not connect an external power supply. Please connect an
external by-pass capacitor to this pin (for TC35680).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com