Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 70 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 70 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 66Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 67Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 68Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 69Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 70Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 71Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 72Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 73Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 74Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
70
2019-04-04
5.3. DC Characteristics
Current Consumption (Design Target Value)
Table 5-3 shows a list of the current consumption values. Each value is an average operating value with a recommended connection
of each power supply pin. For the measured values, the measurement is done under our company’s evaluation environment.
The current consumption characteristics are based on the following conditions, unless specified otherwise.
Ambient temperature (Ta): 25°C
CPU clock frequency: 32 MHz
Sleep clock frequency: 32.768 kHz, using a crystal resonator
Power supply source in the normal operating mode: DC/DC convertor
VBAT = VDDIO = 3.0 V
VSSA = VSSRFIO = VSSDC = VSSD = VSSX = 0 V
Table 5-4 shows a list of DC characteristic values for each pin
Table 5-3 Current consumption
Item
Symbol
Condition
Measured pin
(Note 1)
Min.
Typ.
Max.
Unit
Current consumption of
the digital circuits at
operation
IDDDIG
(Active1)
Bluetooth® wireless: not used
Built-in Flash memory: not used
VBAT
—
1.2
—
mA
IDDIO
All GPIO is Hi-Z
VDDIO
—
0.3
—
μA
Digital circuit current
consumption of the built-
in Flash memory
(Note 2)
IDDRD
(Read)
Reading
VBAT
—
3.8
—
mA
IDDWR
(Write)
Programming
—
16.2
—
IDDER
(Erase)
Erasing
—
16.2
—
Data reception current
consumption
IDDRX
(Active2)
125 kbps
—
5.2
—
500 kbps
5.2
1 Mbps
5.1
2 Mbps
5.6
Data transmission
current consumption
IDDTX
(Active3)
Output Power = 0 dBm
1 Mbps
—
5.2
—
2 Mbps
—
5.4
—
Output Power = +8 dBm
125 kbps
—
11.3
—
500 kbps
—
—
1 Mbps
—
—
2 Mbps
—
11.5
—
Output Power = +8 dBm
Frequency of reference
clock = 16 MHz
1 Mbps
—
11.0
—
Output Power = +8 dBm
Power supply source: LDO
regulator
1 Mbps
—
26.0
—
Low power mode
—
Common condition: The oscillation of the
reference clock is stopped.
—
μA
Current consumption in
Low power mode
(Sleep mode)
IDDS1
Power supply of CPU: on
The oscillation of the sleep clock is operated.
Whole of the data is retained.
—
2.5
—
Current consumption in
Low power mode
(Backup mode)
IDDS2
Power supply of CPU: off
The oscillation of the sleep clock is operated.
Whole of the data is retained.
—
2.5
—
Current consumption in
Low power mode
(Deep Sleep mode)
IDDS
Power supply of CPU: off
The oscillation of the sleep clock is stopped.
No data is retained.
—
0.05
—
Note 1: The operating current consumption of a GPIO circuit depends on a load capacitance of its pin.
Note 2: Only for TC35680.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com