Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 58 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 58 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 54Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 55Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 56Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 57Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 58Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 59Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 60Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 61Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 62Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
58
2019-04-04
Rhythm Function (Output Masking)
Figure 4-18 illustrates the outlines of the PWM rhythm function. TC35680/TC35681 integrate a rhythm counter whose clock source
cycle is 50 ms (as example). The counter is independent of the pulse generation function. A 20-bit register (Pattern register) is also
built in, and each bit of the register corresponds to the content of the rhythm counter which counts down every 50 ms. When a bit of
the Pattern register is 0, the corresponding PWM output is masked and fixed to 0 or 1. This function can generate a 1-scond periodic
waveform which is implemented to blink a LED or to sound a buzzer.
PWM generation source clock
Pattern regist er
1
0
1
PWM output waveform
50 ms
Cycle time
1
0
1
1
0
1
0
1
19
18
17
16
15
1
0
19
Rhytm counter
Pattern regist er
PWM output waveform
50 ms
1s (50 ms
× 20)
Interrupt
PWM generation source clock
Figure 4-18 Output masking by PWM rhythm function
Note: If the value of (Cycle time of the rhythm pattern setting (50 ms) ÷
Pulse cycle time) is not an integer, the PWM output pulse
becomes narrow at the change timing of the Pattern register
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com