| Electronic Components Datasheet Search |
|
TC35680FSG Datasheet(PDF) 40 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC35680FSG Datasheet(HTML) 40 Page - Toshiba Semiconductor |
|
40 / 91 page ![]() TC35680FSG-002/TC35681FSG-002 40 2019-04-04 4.6.6.2. Wake-up in Sleep Mode or Backup Mode The ANYKEY wake-up function has some known issue. The issue and their countermeasures are summarized in Known Issues which a user should refer to. Every GPIO pin can receive a signal to wake up TC35680/TC35681 in the Sleep mode or the Backup mode (ANYKEY wake-up). The ANYKEY wake-up function is available in the User-App mode (in the HCI mode, it is disabled). Table 4-5 shows the interrupt setting, the getting interrupt cause, the interrupt cause clear, and the API of the call-back function for ANYKEY wake-up. The ANYKEY wake-up can be set by the HCI command or the API in Table 4-5, and one of the following detections of the interrupt request can be assigned to the pin. Edge detection of the interrupt request (a rising edge, a falling edge, or both edges) Interrupt disable (No detection) When the external wake-up request is detected before the transition to a low power mode, the wake-up sequence begins after the transition completes. It should be noted that the ANYKEY wake-up is detected when the ANYKEY wake-up is set in the following conditions; The wake-up is set within 2 clock cycles (= 1/fSLEEPCLK× 2) after the oscillation of the sleep clock becomes stable. The rising edge detection is set while the external input is High to the pin. The falling edge detection is set while the external input is Low to the pin. When an ANYKEY wake-up interrupt is detected, the interval of 1/fSLEEPCLK or more is necessary to accept the next interrupt. Table 4-5 Getting interrupt cause, clearing, and Call-back function for ANYKEY wake-up Item API Interrupt setting SYS_API_SetWakeInt() Getting interrupt cause SYS_API_GetWakeUpCauseValue() Interrupt cause clear The cause is cleared automatically by the built-in firmware. Call-back function SYS_API_SetCallbackPMUTimInt() The GPIO0 or GPIO15 wake-up function described next is available in the Sleep mode, the Backup mode, and the Deep Sleep mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |