Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 4Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 5Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 6Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 7Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 8Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 9Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 10Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 11Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
8
2019-04-04
Power supply
Power supply circuit
Support for wide range of the input power voltage
DC/DC converter and LDO regulator are integrated.
Built-in Power Management Unit for the low power consumption function.
Independent power pins for the I/O circuits (VDDIO)
System function
2 system configurations are supported.
Host-controlled system (A host CPU controls this device.)
Standalone system (The operation of this device is controlled by its own CPU.)
3 operating modes are supported.
HCI mode
Control by HCI and Extended HCI commands
User application (firmware) programming
For radio certification tests in different countries and regions
For Bluetooth® qualification test
For other RF tests
Complete mode
Control of this device by the TCU commands (Control commands in the GATT/SM layer)
User-App mode
Download function of a user application program to this device
Download from the built-in Flash memory or host CPU (TC35680)
Download from an external EEPROM or a host CPU (TC35681)
Execution of a user application program
Low power system feature
3 low power modes (Sleep, Backup, and Deep Sleep)
Support for Interrupts
Patch support
Patch function (maximum 4)
Auto-patch function
DMA support
Built-in 7-channel DMA controller (2 to 6 channels are available for a user.)
Clock and Timer
RTC
RTC function with the accuracy of sleep clock frequency
Clock and Calendar function: YY/MM/DD hh:mm:ss (24-hour clock) and day of the week
Alarm function: Alarm setting by hh:mm and either a date or a day, and an interrupt by the alarm generation
Leap year function (the exceptional procedure for every 100 years is not supported.)
RTC is working even in the Sleep and Backup modes.
Timer
BCTimer
3-channel hardware timer (One channel is dedicated to the system.)
16-bit counter which can be loaded automatically every
1 μs at minimum.
The count of the timer stops in low power mode.
GTimer
1-channel hardware timer
Built-in prescaler to divide the clock (1 to 1024 division). The minimum interval is 38 ns to 39
μs.
16-bit counter which can be loaded automatically.
The count of the timer stops in low power mode.
OS timer (1-second timer and 1-ms timer)
Timer controlled by the OS
Watchdog timer (WDT) function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com