Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 45 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 45 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 41Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 42Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 43Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 44Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 45Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 46Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 47Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 48Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 49Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
45
2019-04-04
Baud Rate Setting
(1)
Setting by an HCI command (HCI mode)
The HCI command “HCI_M2_BTL_SET_BAUDRATE” can set the baud rate. For the details, refer to the “Command Document”.
The baud rate can be set by the following command.
Extended HCI command: HCI_M2_BTL_SET_BAUDRATE
(2)
Setting by API (only UART1) (User-App mode)
The baud rate of UART1 in TC35680/TC35681 can be set by the API “uart1_Set_BaudRate()”. The current baud rate can be
checked by the API “uart1_Read_BaudRate()”.
For details, refer to the “Programming Guide”.
(3)
Setting by a register (User-App mode)
The UART clock in TC35680/TC35681 is generated by the reference clock (32 MHz). The baud rate can be set by the UARTx_IBRD
register, the UARTx_OVCR register, and the UARTx_FBRD register (x = 1 means UART1 and x = 2, UART2).
The typical values of actual and ideal baud rates in TC35680/TC35681, and the error values are shown in Table 4-7.
TC35680/TC35681 can receive the data of which baud rate error is within ±2%. The baud rate error of the host CPU should be in
the range.
Table 4-7 Typical UART baud rate
Ideal baud rate
[bps]
Actual baud rate
[bps]
UARTx_IBRD
register
UARTx_FBRD
register
UARTx_OVCR
register
Error [%]
600
600.01
0x115c
—
0x25
0.01
1200
1200.12
0x08ae
—
0x25
0.01
2400
2400.24
0x0457
—
0x25
0.01
4800
4801.92
0x01dc
—
0x37
0.04
7200
7207.21
0x0172
—
0x25
0.1
9600
9603.84
0x00ee
—
0x37
0.0400
14400
14414.41
0x00b9
—
0x25
0.1001
19200
19207.68
0x0077
—
0x37
0.0400
28800
28828.83
0x004a
—
0x48
0.1001
38400
38415.37
0x0031
—
0x5a
0.0400
57600
57657.66
0x0025
—
0x48
0.1001
76800
76923.08
0x0020
—
0x36
0.1603
115200
115211.52
0x0011
0x17
0x49
0.0100
153600
153615.36
0x0011
0x17
0x25
0.0100
230400
230319.39
0x000b
0x25
0x25
-0.0350
307200
306954.44
0x0008
0x2c
0x25
-0.0799
460800
460638.78
0x0005
0x16
0x36
-0.0350
921600
920863.31
0x0002
0x0b
0x49
-0.0799
1843200
1845045.05
0x0001
0x0a
0x48
0.1001
2000000
2000000
0x0001
—
0x49
0.0000
Note: x = 1 means UART1 and x = 2 means UART2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com