Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 61 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 61 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 57Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 58Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 59Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 60Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 61Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 62Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 63Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 64Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 65Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
61
2019-04-04
4.12. Reference Clock Interface
Feature
The reference clock interface has the following features;
Reference clock frequency: 32 MHz
Clock frequency accuracy: ±50 ppm or less is necessary. (in operating environment)
Built-in 128-step variable capacitor (1.24 to 20.4 pF)
Load capacitance and equivalent series resistance of the crystal resonator
Load capacitance: 6 pF
Equal series resistance: 50
Ω (recommended)
An external feedback resistor and external capacitors are unnecessary for the crystal oscillation circuit in TC35680/TC35681,
because the devices integrate the feedback resistor and a variable capacitor (1.24 to 20.4 pF) on the input and output pins of the
crystal resonator. A crystal resonator which has a load capacitance of 6 pF should be connected between the XOIN and XOOUT
pins, and the capacitance of the variable capacitor should be adjusted so that the frequency deviation does not exceed ±50 ppm
under the use environment.
The recommended equivalent series resistance of the crystal resonator is 50
Ω. The oscillation margin should be evaluated
sufficiently when a crystal resonator with a larger equivalent series resistance is used. And the interval time for the oscillation stability
should be 1.5 ms or less.
Adjustment of Oscillation Frequency of Reference Clock
The adjustment of the oscillation frequency is done by the modification of the capacitance of the variable capacitor. It is done by the
setting of the 7-bit XO_FREQ_TUNE field in the PMU_XOSC_TRIMIN register. When a value between 0x00 and 0x7F (2’s
complement) is set, the capacitance of the variable capacitors on the input and output pins changes with a step of approximately
0.15 pF. Then, the value 0x40 gives the minimum frequency and 0x3F, the maximum frequency.
The value of XO_FREQ_TUNE is 0x00 just after the hardware reset is deasserted or while the cold boot is done. It is set to 0x1A by
the built-in firmware after the oscillation becomes stable. Then the value can be modified by a software procedure.
For the details of the adjustment of the variable capacitor, refer to the “Hardware Application Note”.
Low Power Mode and Adjustment Value
The oscillation stops in a low power mode. When the wake-up is done in the Sleep mode or the Backup mode, the oscillation start
is controlled by the value in the XO_FREQ_TUNE field which is set before the transition to the low power mode. So the value is
different from the value in the XO_FREQ_TUNE field in the cold boot procedure. Then the interval time for oscillation stability is also
different. The time should not exceed 1.5 ms.
Table 4-14 shows the oscillation condition and the value in the XO_FREQ_TUNE field.
Table 4-14 Oscillation condition of the reference clock and XO_FREQ_TUNE value
Oscillation condition
Value in XO_FREQ_TUNE
Just after hardware reset is deasserted or wake-up from
the Deep Sleep mode.
0x00 (the initial value at start-up)
0x1A (the initial value after the oscillation
becomes stable)
Wake-up from the Sleep or Backup mode
User setting value (Initial value is 0x1A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com