Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 44 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 44 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 40Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 41Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 42Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 43Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 44Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 45Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 46Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 47Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 48Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
44
2019-04-04
Frame Format
TC35680/TC35681 support the following formats;
 Data bit length: 8 bits (LSB first)
 Parity bit:
No parity, odd, or even
 Stop bit length: 1 bit or 2 bits
 Flow control:
RTSX and CTSX (optional)
An example of the UART data frame is shown in Figure 4-5.
Figure 4-5 Data frame
Flow Control Function
The hardware flow control is available when the GPIOs of TC35680/TC35681 are assigned to the UART interface of the 4-wire. The
signal directions are shown in Figure 4-6.
The flow control can be used to prevent from the overflow of the data buffers.
Figure 4-6 Example of UART connection
When the CTSX (Clear to Send) input signal is High, TC35680/TC35681 complete the transmission of a current frame of data and
then stops. When the CTSX input is Low, the devices start to transmit data. If no transmission data is present, the transmission is not
done.
When the RTSX (Request to Send) output signal is High, it requests the host CPU to stop the data transmission.
When the RTSX output is Low, the data transmission from the host CPU is permitted.
The response time of the UART data transmission and reception to the flow control signals is the interval between 1-frame time
(minimum) and 4-frame time (maximum). It depends on the baud rate and the internal procedure status of the frame.
1
LSB
2
3
4
5
6
MSB
Start bit
Stop bit
1
LSB
2
3
4
5
6
MSB
Start bit
Stop bit
Over-sampling: (× n)/bit
1
2
3
4
5
6
7
8
9
10
UART transmission
data: TX
UART transmission
flow control: CTSX
UART reception data:
RX
UART reception flow
control: RTSX
TC35680/
TC35681
UART reception flow control (RTSX)
UART transmission flow control (CTSX)
UART reception data (RX)
UART transmission data (TX)
HOST CPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com