| Electronic Components Datasheet Search |
|
TC35680FSG Datasheet(PDF) 16 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC35680FSG Datasheet(HTML) 16 Page - Toshiba Semiconductor |
|
16 / 91 page ![]() TC35680FSG-002/TC35681FSG-002 16 2019-04-04 Limitation on Assignment of UART Function to GPIO The UART which can be assigned to GPIO in TC35680/TC35681 is shown in Table 2-4. The GPIO’s which can be assigned to the UART interface depend on an operating mode. Table 2-4 GPIO assignment of 2 UART interfaces (QFN package) Operating mode HCI mode/Complete mode User-App mode UART1-TX GPIO5 is used. (Non-modifiable) GPIO5 can be used. UART1-RX GPIO6 is used. (Non-modifiable) GPIO6 can be used. UART1-RTSX Only GPIO7 can be used. Either GPIO7 or GPIO13 can be used. (Note 1) UART1-CTSX Only GPIO8 can be used. Either GPIO8 or GPIO14 can be used. (Note 1) UART2-TX Not assigned GPIO16 can be used. UART2-RX Not assigned GPIO17 can be used. UART2-RTSX Not assigned GPIO13 can be used. (Note 1) UART2-CTSX Not assigned GPIO14 can be used. (Note 1) Note 1: GPIO13 cannot be assigned to both UART1-RTSX and UART2-RTSX at the same time. GPIO14 cannot be assigned to both UART1-CTSX and UART2-CTSX at the same time. Limitation on Assignment of I2C Function to GPIO TC35681 uses GPIO7 and GPIO8 as the channel 1 of I2C1 interface to an EEPROM which stores a user application program. Another channel of the I2C interface cannot be assigned in the start-up sequence. Table 2-5 Assignment of 2 I2C interfaces Product TC35680 TC35681 Operating mode HCI mode/ Complete mode User-App mode HCI mode/ Complete mode User-App mode I2C-SCL1 GPIO7 can be used. GPIO7 can be used. GPIO7 is used. (Non-modifiable) I2C-SDA1 GPIO8 can be used. GPIO8 can be used. GPIO8 is used. (Non-modifiable) I2C-SCL2 GPIO9 and GPIO11 can be used. GPIO9 and GPIO11 can be used. I2C-SDA2 GPIO10 and GPIO12 can be used. GPIO10 and GPIO12 can be used. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |