Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 37 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 37 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 33Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 34Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 35Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 36Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 37Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 38Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 39Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 40Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 41Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
37
2019-04-04
4.6. General-purpose I/O (GPIO) Function
Feature
The GPIO pin has the following features;
Reference I/O power supply: VDDIO
Pin number: 18 for QFN package
General-purpose I/O function. The ON/OFF control of input and output can be done individually.
Reading input data and writing output data can be done for each pin or a group of several pins.
Interrupt function is supported. The detection method can be selected from among the followings;
Edge detection (a rising edge, a falling edge, and both edges)
Level detection (High level and Low level)
Built-in programmable pull-up and pull-down resistors.
Output drive current can be selected (1 mA, 1.5 mA (initial), 2 mA, and 4 mA).
Before the transition to a low power mode, each GPIO holds the status of the I/O (I/O latch function).
The diagram of the GPIO pin which supports an ADC input signal is shown in Figure 4-2.
Figure 4-2 Diagram of the GPIO which supports ADC input signal
IC pin
ON/OFF
Output signal
Input signal
Output control
Pull-up regist er control
Input control
Pull-down resister control
ON/OFF
ADCIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com