Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 23 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 23 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 19Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 20Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 21Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 22Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 23Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 24Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 25Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 26Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 27Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
23
2019-04-04
3.3. System Configuration
Standalone System
When the standalone system is configured, a user application program should be stored in the built-in Flash memory (TC35680) or
an external EEPROM (TC35681) in the User-App mode.
In the User-App mode, a boot loader in the mask ROM reads the user application program from the built-in Flash memory or an
external EEPROM and writes to the RAM in the standalone system, then the user application program is executed. An external CPU
is not necessary in the system. Then, the standalone operation is enabled.
Host-Controlled System
The host-controlled system can be configured by the following three methods;
Using the HCI mode.
Using the Complete mode.
Using the User-App mode.
The built-in firmware is used to configure the system in the HCI and the Complete modes.
In the User-App mode, a user application program is executed by the CPU in TC35680/TC35681. And in the system, the host can
operate together with it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com