Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 12 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 12 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 8Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 9Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 10Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 11Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 12Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 13Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 14Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 15Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 16Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
12
2019-04-04
2.3. Function of Each Pin
The attribute, the status as output or input, and other functions of each pin are shown in Table 2-1.
The power supply pins are shown in Table 2-6.
Table 2-1 Function of each pin
Pin name
Pin No.
Attribute
Description
QFN
Package
Power supply group
Signal direction
I/O Type
RESETX
3
VDDIO
IN
Schmitt trigger
Hardware reset input pin.
Low level asserts the reset.
XOIN
11
VDDCORE1
IN
OSC
Input pin for the reference clock oscillation.
A 32-MHz crystal resonator with accuracy of ± 50 ppm or less should
be connected to the XOIN pin and the XOOUT pin.
The crystal oscillation circuit includes a variable capacitor (a capacitor
array) to adjust the oscillation frequency.
XOOUT
12
VDDCORE1
OUT
OSC
Output (feedback) pin for the reference clock oscillation.
SLPXOIN
21
VDDIO
IN
OSC
Input pin for the sleep clock oscillation by a crystal resonator.
A 32.768-kHz crystal resonator with accuracy of ± 500 ppm or less
should be connected to the SLPXOIN pin and the SLPXOOUT pin.
The crystal oscillation circuit includes a variable capacitor (a capacitor
array) to adjust the oscillation frequency.
When an external clock is used, the clock should be input to this pin.
SLPXOOUT
22
VDDIO
OUT
OSC
Output (feedback) pin for the 32.768-kHz oscillation.
RFIO
7
VDDCORE1
IN/OUT
Analog
RF signal input and output pin.
The impedance matching of 50
Ω can be done by connecting a proper
capacitor between the RFIO pin and GND.
When this pin is connected to an antenna for communication, a series
capacitor should be connected, because the signal of this pin has a DC
bias. For the details, refer to the “Hardware Application Note” of this
device.
GPIO0
GPIO15
31
33
VDDIO
IN/OUT
Pull-up/Pull-down
resistors
Schmitt trigger
General-purpose I/O pins.
Following functions can be set by software;
Switch as input or output.
Connection or disconnection of a pull-up and a pull-down
resistors (Note 1)
Selection of output drivability.
Setting of an interrupt.
The interrupt can also be used to wake up from the Deep Sleep mode
to the Active mode.
For details of the function assignment, the low power consumption
function, and the interrupt, refer to Section 2.4, Section 3.6, and Section
4.6, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com