Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 71 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 71 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 67Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 68Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 69Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 70Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 71Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 72Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 73Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 74Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 75Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
71
2019-04-04
Table 5-4 DC characteristics (VSSA = VSSRFIO = VSSDC = VSSD = VSSX = 0 V)
Item
Symbol
Condition
Measured
pin
(Note)
Min.
Typ.
Max.
Unit
I/F voltage
Other
condition
High level
input
voltage
VIH
—
LVCMOS
VDDIO
system
0.8 × VDDIO
—
—
V
Low level
input
voltage
VIL
—
LVCMOS
VDDIO
system
—
—
0.2 × VDDIO
High level
input
current
IIH
VDDIO = Input
voltage to each
pin
Pull-down
resistor OFF
VDDIO
system
-10
—
10
μA
Pull-down
resistor ON
10
—
200
Low level
input
current
IIL
Pull-up
resistor OFF
-10
—
10
Pull-up
resistor ON
-200
—
-10
High level
output
voltage
VOH
—
IOH = 1 mA
VDDIO
system
VDDIO - 0.6
—
—
V
Low level
output
voltage
VOL
—
IOL = 1 mA
VDDIO
system
—
—
0.4
V
Note: For the details of the power system pins, refer to Table 2-6 in which the power system of each function pin is shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com