Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 39 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 39 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 35Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 36Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 37Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 38Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 39Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 40Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 41Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 42Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 43Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
39
2019-04-04
General-purpose Output Function
The general-purpose output of a GPIO pin is enabled by the API or the corresponding register in Table 4-3 when the function 0 in
Table 2-2 is assigned to the pin. The output data can be set to a GPIO pin, or to multiple pins at once, using the register described in
Table 4-3. The output settings of the pin and the output data are held even after this device enters a low power mode.
I/O Latch Function
When TC35680/TC35681 enter a low power mode such as the Sleep mode, the Backup mode, or the Deep Sleep mode, the
devices latch the setting data of the GPIO pins which are described in Section 4.6.2.
This function is also done when another multiplexed function is set to the GPIO pin.
The latch data is initialized by the hardware reset.
Interrupt Function
4.6.6.1. Interrupt in Active Mode
Every GPIO pin can be set to receiving an external interrupt request. The setting method and others are shown in Table 4-4.
One of the following detections of the interrupt request can be assigned to the pin.
Edge detection of the interrupt request (a rising edge, a falling edge, or both edges)
Level detection of the interrupt request (High level or Low level)
Interrupt disable (No detection)
The initial setting is “Interrupt disable”.
Proper API’s can set the interrupt and get the interrupt cause. It is unnecessary to control the corresponding register directly.
TC35680/TC35681 do not detect the interrupt request during a transition to low power mode.
Table 4-4 Getting interrupt cause, clearing, and Call-back function
Item
Setting method
API
Register
Interrupt setting
SYS_API_SetGpioCfgReg
GPIO_CFG
Getting interrupt cause
The information of the generated GPIO interrupt is sent to
the argument in the call-back function which is registered
by a user.
SYS_API_HwGpioIntHandlerInstall should be used.
—
Interrupt cause clear
The factor is cleared automatically by the built-in firmware.
—
Call-back function
SYS_API_HwGpioIntHandlerInstall
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com