Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 57 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 57 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 53Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 54Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 55Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 56Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 57Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 58Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 59Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 60Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 61Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
57
2019-04-04
4.10. PWM Interface
Feature
The PWM interface has the following features;
Reference I/O power supply: VDDIO
Pulse generation function
Channel number: 4 for QFN package
The clock source to generate pulses can be selected between a 16-MHz clock (2-division of the reference clock) and
a 32.768-kHz clock.
The following output frequencies can be selected using a clock divider.
8 Hz to 16.384 kHz (the 32.768-kHz clock is used. 12-bit divider: the maximum division is 1/4096.)
0.954 Hz to 8 MHz (the 16-MHz clock is used. 12-bit × 2 divider: the maximum division is 1/16777216)
A pulse output can be masked with a 50-ms unit width (as example) by a regular pattern signal whose period is one
second (Rhythm function).
An interrupt can be generated every 1 second of the rhythm pattern period.
The pulse can be reversed.
The duty ratio of the pulse output can be adjusted.
Each PWM output can be synchronized by the pulse output synchronization function.
TC35680/TC35681 have a PWM interface that can be used for the LED control, the buzzer control, and others.
The PWM interface operates at the VDDIO power supply voltage. Because the power supply pin is shared with other hardware
interfaces, the voltage of the PWM interface cannot be independently different.
Pulse Generation Function
Figure 4-17 shows a PWM pulse waveform.
The frequency of the pulse signal is adjusted by changing the cycle time. The ON/OFF ratio can be adjusted by changing the duty
ratio.
The frequency can be set to the value from 8 Hz to 16.384 kHz (in use of the 32.768-kHz clock), and from 0.954 Hz to 8 MHz (in use
of the 16-MHz clock).
The duty ratio can be set to the value from 0 % to 100 %.
Figure 4-17 PWM pulse waveform
Cycle time
Duty ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com