Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 17 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 17 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 13Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 14Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 15Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 16Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 17Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 18Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 19Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 20Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 21Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
17
2019-04-04
2.5. Power Supply Pins
The attribute and the normal operation voltage of each power supply pin are shown in Table 2-6.
Table 2-6 Power supply pin
Pin name
Pin No.
Attribute
Description
QFN
Package
Type
VDD/GND
VDD/GND
VPGM
5
TEST
—
Power supply pin for test.
This pin should be connected to GND.
VBAT
18
VBAT
VDD
Power supply pin for DC/DC converter/LDO regulator and the
sleep circuit.
An external power supply should be connected to this pin to
operate the built-in DC/DC converter and LDO regulator.
LX
19
VBAT
VDD
DC/DC converter output pin.
When the DC/DC converter is used, the power is supplied to
VDDCORE1 and VDDCORE2 from this pin. An external coil
for the DC/DC converter should be connected.
For details, refer to Section 4.4.
Any other use is not possible.
VDDCORE1
14
—
VDD
Power supply input pin for the analog circuit.
The LX pin supplies power when the DC/DC converter is
used. And the VDDCORE2 pin supplies power when the
transition to a low power mode is done or when the LDO is
used. This pin should be connected to the VDDCORE2 pin.
For details, refer to Section 4.4.
Any other use is not possible.
VDDCORE2
15
—
VDD
A feedback input pin for the DC/DC converter. It is also a
power supply pin for the analog and digital circuits, and the
output pin of the built-in LDO regulator, as well.
When the DC/DC converter is used, this pin is a feedback
input pin. A coil should be connected between this pin and the
LX pin. When the built-in LDO regulator is used, this pin is an
output pin of the regulator. The internal circuits connected to
VDDCORE1 and VDDCORE2 are supplied with the power.
For details, refer to Section 4.4.
Any other use is not possible.
VDDIO
23
VDDIO
VDD
Power supply pin for I/O.
The power of the proper voltage for the GPIO circuits should
be supplied. The voltage should not exceed the VBAT value.
For details, refer to Section 4.4.
Any other use is not possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com