Electronic Components Datasheet Search
  English  ▼

X  

TC35680FSG Datasheet(PDF) 46 Page - Toshiba Semiconductor

Part # TC35680FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35680FSG Datasheet(HTML) 46 Page - Toshiba Semiconductor

Back Button TC35680FSG Datasheet HTML 42Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 43Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 44Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 45Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 46Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 47Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 48Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 49Page - Toshiba Semiconductor TC35680FSG Datasheet HTML 50Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
46
2019-04-04
UART Message Recognition Function (Spacing between Messages)
In order to recognize the boundary of a UART message, a message time space is inserted between the messages transferred
through the UART interface of TC35680/TC35681 in the Complete mode. In the message time space, no data is transferred on the
UART interface. One message consists of one or more frames which exist between two message spaces.
In the HCI mode, the data transfer can be done without the massage time space. But the maximum number of the continuous HCI
command is limited to 8.
The message configured by the frames and the boundary of the message are illustrated in Figure 4-7 (Transmission frame) and
Figure 4-8 (Reception frame). If the space of the neighboring frames is less than 12-frame length (an initial setting), the transmission
data or the reception data is processed as one message. If the space length is 12-frame length or more, the data is processed as
two messages.
The host CPU can recognize the message boundary by measuring the length of the message time space. For example, when the
baudrate is 115.2 kbps, the message time space of the neighboring frames should be (0.087 ms × 12) = 1.04 ms or more (0.087 ms
is one frame time length).
TC35680/TC35681 measure the time space of the neighboring frames using an internal timer to recognize the boundary.
TC35680/TC35681 notify of the reception timeout error when the devices detect a message space time in a message. The default
time of the reception timeout is 12-frame length (1.04ms at 115.2-kbps baud rate) in the User-App mode. This time can be changed
For the reception timeout error, refer to Section 4.7.7.
Figure 4-7 Transmission frame and Transmission message
Figure 4-8 Reception frame and Reception message
UART transmission data
UART transmission
message
UART transmission
message
Less than 12-frame time
Less than 12-frame time
Less than 12-frame time
12 or more frame time
1-frame time
UART reception data
UART reception message
UART reception message
Less than 12-fram time
Less than 12-frame time
Less than 12-frame time
12 or more frame time
1-frame time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com